AO4405 30v p-channel mosfet general description product summary v ds i d (at v gs =-10v) -6a r ds(on) (at v gs =-10v) < 50m w r ds(on) (at v gs = -4.5v) < 85m w 100% uis tested 100% r g tested symbol v ds the AO4405 uses advanced trench technology to provi de excellent r ds(on) with low gate charge. this device is suitable for use as a load switch or in pwm applica tions. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted -30v drain-source voltage -30 g ds soic-8 top view bottom view d d d d s s s g v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jl maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 16 75 24 t a =25c t a =70c power dissipation b p d avalanche energy l=0.1mh c pulsed drain current c continuous drain current t a =25c mj avalanche current c 14 a 17 a i d -6 -5.1 -30 v v 20 gate-source voltage drain-source voltage -30 units parameter typ max c/w r q ja 31 59 40 maximum junction-to-ambient a 2 t a =70c junction and storage temperature range -55 to 150 c thermal characteristics w 3.1 g ds soic-8 top view bottom view d d d d s s s g rev 9: nov 2011 www.aosmd.com page 1 of 6
AO4405 symbol min typ max units bv dss -30 v v ds =-30v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -1.4 -1.9 -2.4 v i d(on) -30 a 33 50 t j =125c 50 70 53 85 m w g fs 14 s v sd -0.8 -1 v i s -3.5 a c iss 520 pf c oss 100 pf c rss 65 pf r g 3.5 7.5 11.5 w q g (10v) 9.2 11 nc q g (4.5v) 4.6 6 nc q gs 1.6 nc q gd 2.2 nc t d(on) 7.5 ns t 5.5 ns reverse transfer capacitance v gs =0v, v ds =-15v, f=1mhz switching parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-6a r ds(on) static drain-source on-resistance i dss m a v ds =v gs i d =-250 m a v ds =0v, v gs = 20v zero gate voltage drain current gate-body leakage current m w i s =-1a,v gs =0v v ds =-5v, i d =-6a v gs =-4.5v, i d =-4a forward transconductance diode forward voltage gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge v gs =-10v, v ds =-15v, i d =-6a gate source charge gate drain charge total gate charge maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time v =-10v, v =-15v, r =2.5 w , t r 5.5 ns t d(off) 19 ns t f 7 ns t rr 11 ns q rr 5.3 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =-6a, di/dt=100a/ m s body diode reverse recovery time turn-off fall time body diode reverse recovery charge i f =-6a, di/dt=100a/ m s turn-on rise time turn-off delaytime v gs =-10v, v ds =-15v, r l =2.5 w , r gen =3 w a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150 c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initialt j =25 c. d. the r q ja is the sum of the thermal impedence from junction t o lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150 c. the soa curve provides a single pulse rating. rev 9: nov 2011 www.aosmd.com page 2 of 6
AO4405 typical electrical and thermal characteristics 17 52 10 0 18 0 5 10 15 20 25 30 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 10 20 30 40 50 60 70 80 0 2 4 6 8 10 r ds(on) (m w ww w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =-4.5v i d =-4a v gs =-10v i d =-6a 25 c 125 c v ds =-5v v gs =-4.5v v gs =-10v 0 5 10 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v gs =-3.5v -4v - 6v - 8v -10v -5v v gs =-4.5v 40 0 5 10 15 20 25 30 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 10 20 30 40 50 60 70 80 0 2 4 6 8 10 r ds(on) (m w ww w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -i s (a) -v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =-4.5v i d =-4a v gs =-10v i d =-6a 20 40 60 80 100 120 2 4 6 8 10 r ds(on) (m w ww w ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =-5v v gs =-4.5v v gs =-10v i d =-6a 25 c 125 c 0 5 10 15 20 25 30 35 40 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) v gs =-3.5v -4v - 6v - 8v -10v -5v v gs =-4.5v rev 9: nov 2011 www.aosmd.com page 3 of 6
AO4405 typical electrical and thermal characteristics 0 2 4 6 8 10 0 2 4 6 8 10 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 100 200 300 400 500 600 700 800 0 5 10 15 20 25 30 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =-15v i d =-6a 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 1.0 10.0 100.0 1 10 100 1000 -i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c ) t a =25 c t a =150 c t a =100 c t a =125 c 0 2 4 6 8 10 0 2 4 6 8 10 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 100 200 300 400 500 600 700 800 0 5 10 15 20 25 30 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss c oss c rss v ds =-15v i d =-6a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 11: single pulse power rating junction-to-am bient (note f) t a =25 c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 10: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150 c t a =25 c 100 m s 10ms 1.0 10.0 100.0 1 10 100 1000 -i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 9: single pulse avalanche capability (note c ) t a =25 c t a =150 c t a =100 c t a =125 c rev 9: nov 2011 www.aosmd.com page 4 of 6
AO4405 typical electrical and thermal characteristics 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =75 c/w 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q qq q ja normalized transient thermal resistance pulse width (s) figure 12: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =75 c/w rev 9: nov 2011 www.aosmd.com page 5 of 6
AO4405 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs vds unclamped inductive switching (uis) test circuit & waveforms vds l - 2 e = 1/2 li ar ar bv dss vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) rev 9: nov 2011 www.aosmd.com page 6 of 6
|